Part Number Hot Search : 
4AC24 SXX18 TDA1013B F130410 TSE02B TC5020 CD6281CA F55976
Product Description
Full Text Search
 

To Download N800206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p.c.b. mounting title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by kae06lggt 10/29/2012 N800206 a ebp 1 1 2 4 6 8 10 12 1 3 5 7 9 11 circuit - 6 position 2 4 6 8 10 12 1 3 5 7 9 11 3.05 [.120 in] 16.28 [.641 in] 6.30 [.248 in] 1.00 [.039 in] travel a 20852 released for production 10/29/12 ebp notes: 1. all dimensions in mm [inch]. 2. general tolerance: x.x=0.4 x.xx=0.25 3. term. nos. for reference only. 4. contact ratings: 25ma @24vdc. (switch) 100ma @50vdc. ( carry) 5. contact material: contacts: (movable) copper w/gold plate. terminals: brass w/gold plate. 6. insulation resistance; 100 m min. @500vdc. 7. contact resistance; 50 m max initial. 8. operating temp: -20 ~ c to +85 ~ c. 9. storage temp: -40 ~ c to +85 ~ c. 10. electrical life: 2000 cycles. 11. package: tube (28 per tube) with all poles in the "off" position. 12. denotes critical parameter. 13. dielectric strength: 500vac min for 1 minute. 14. operating force: 1000 grams max. 15. 2002/95/ec (rohs) compliant. pos. 1 designate pin #1 location 7.40 [.291 in] 10.40 [.409 in] 1.10 [.043 in] 2.54 [.100 in] 12.70 [.500 in] 9.8 ` .3 .39 ` .01 in [ ] .70 min [.028 in] 3.75 [.148 in] e-switch logo 2.54 [.100 in] 12.70 [.500 in] .50 [.020 in] .70 [.028 in] 1.00 [.039 in]


▲Up To Search▲   

 
Price & Availability of N800206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X